Part Number Hot Search : 
33X64C BC847 M2901V AK4122 57312 74LS91 62503FG HFA16
Product Description
Full Text Search
 

To Download NCE55H11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pb Free Product
http://www.ncepower.com
NCE55H11
NCE N-Channel Enhancement Mode Power MOSFET
DESCRIPTION
The NCE55H11 uses advanced trench technology and design to provide excellent RDS(ON) with low gate charge. It can be used in a wide variety of applications.
GENERAL FEATURES
VDS =55V,ID =110A RDS(ON) < 7.5m @ VGS=10V (Typ:5.5m) High density cell design for ultra low Rdson Fully characterized Avalanche voltage and current Good stability and uniformity with high EAS Excellent package for good heat dissipation Special process technology for high ESD capability Schematic diagram
Application
Power switching application Hard Switched and High Frequency Circuits Uninterruptible Power Supply Marking and pin Assignment
100% UIS TESTED! 100% Vds TESTED!
TO-220 top view
Package Marking And Ordering Information
Device Marking NCE55H11 Device NCE55H11 Device Package TO-220 Reel Size Tape width Quantity -
Absolute Maximum Ratings (TA=25unless otherwise noted) Parameter Symbol Drain-Source Voltage VDS Gate-Source Voltage VGS
Drain Current-Continuous Drain Current-Continuous(TC=100) Pulsed Drain Current Maximum Power Dissipation Derating factor Single pulse avalanche energy (Note 5) Operating Junction and Storage Temperature Range EAS
Limit
55 20 110 80 390 200 1.33 1100 -55 To 175
Unit
V V A A A W W/ mJ
ID
ID (100)
IDM PD
TJ,TSTG
Wuxi NCE Power Semiconductor Co., Ltd
Page 1
v1.0
Pb Free Product
http://www.ncepower.com
Thermal Characteristic
Thermal Resistance,Junction-to-Case(Note 2) RJC
NCE55H11
0.75 /W
Electrical Characteristics (TA=25unless otherwise noted) Parameter Symbol Condition
Off Characteristics Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Current On Characteristics (Note 3) Gate Threshold Voltage Drain-Source On-State Resistance Forward Transconductance Dynamic Characteristics (Note4) Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching Characteristics (Note 4) Turn-on Delay Time Turn-on Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Drain-Source Diode Characteristics Diode Forward Voltage (Note 3) Diode Forward Current (Note 2)
Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min
55
Typ
Max
Unit
V
BVDSS IDSS IGSS VGS(th) RDS(ON) gFS Clss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD IS trr Qrr ton
VGS=0V ID=250A VDS=55V,VGS=0V VGS=20V,VDS=0V VDS=VGS,ID=250A VGS=10V, ID=40A VDS=25V,ID=40A
1 100 2 50 3200 780 210 15 3 5.5 4 7.5
A nA V m S PF PF PF nS nS nS nS
VDS=25V,VGS=0V, F=1.0MHz
VDD=28V,ID=40A VGS=10V,RGEN=4.5
100 50 62 76 21 30 0.85 65 140 140 35 50 1.2 40 100 200
VDS=44V,ID=40A, VGS=10V
nC nC nC V A nS nC
VGS=0V,IS=40A TJ = 25C, IF = 40A di/dt = 100A/s(Note3)
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature. 2. Surface Mounted on FR4 Board, t 10 sec. 3. Pulse Test: Pulse Width 300s, Duty Cycle 2%. 4. Guaranteed by design, not subject to production 5. EAS conditionTj=25,VDD=28V,VG=10V,L=0.5mH,Rg=25
Wuxi NCE Power Semiconductor Co., Ltd
Page 2
v1.0
Pb Free Product
http://www.ncepower.com
NCE55H11
Test circuit
1EAS test Circuits
2Gate charge test Circuit:
3Switch Time Test Circuit
Wuxi NCE Power Semiconductor Co., Ltd
Page 3
v1.0
Pb Free Product
http://www.ncepower.com TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS (Curves)
NCE55H11
ID- Drain Current (A)
Normalized On-Resistance
Vds Drain-Source Voltage (V)
TJ-Junction Temperature()
Figure 1 Output Characteristics
Figure 4 Rdson-JunctionTemperature
Vgs Gate-Source Voltage (V)
Vgs Gate-Source Voltage (V)
ID- Drain Current (A)
Qg Gate Charge (nC)
Figure 2 Transfer Characteristics
Rdson On-Resistance(m)
Figure 5 Gate Charge
ID- Drain Current (A)
Is- Reverse Drain Current (A)
Vsd Source-Drain Voltage (V)
Figure 3 Rdson- Drain Current
Figure 6 Source- Drain Diode Forward
Wuxi NCE Power Semiconductor Co., Ltd
Page 4
v1.0
Pb Free Product
http://www.ncepower.com
NCE55H11
C Capacitance (pF)
Vds Drain-Source Voltage (V)
TJ-Junction Temperature()
Figure 7 Capacitance vs Vds
Figure 9
BVDSS vs Junction Temperature
ID- Drain Current (A)
Vds Drain-Source Voltage (V)
TJ-Junction Temperature()
Figure 8
Safe Operation Area
Figure 10
VGS(th) vs Junction Temperatur
r(t),Normalized Effective Transient Thermal Impedance
Square Wave Pluse Duration(sec)
Figure 11 Normalized Maximum Transient Thermal Impedance
Wuxi NCE Power Semiconductor Co., Ltd
Page 5
v1.0
Pb Free Product
http://www.ncepower.com
NCE55H11
TO-220-3L Package Information
Symbol A A1 b b1 c c1 D E E1 e e1 F H h L L1 V I
Dimensions In Millimeters Min 4.470 2.520 0.710 1.170 0.330 1.200 10.010 8.500 12.060 2.540TYP. 4.980 2.590 8.440 REF. 0.000 13.400 3.560 6.360 REF. 6.300 REF. 3.735 3.935 0.300 13.800 3.960 5.180 2.890 Max 4.670 2.820 0.910 1.370 0.650 1.400 10.350 8.900 12.460
Dimensions In Inches Min 0.176 0.099 0.028 0.046 0.013 0.047 0.394 0.335 0.475 0.100TYP. 0.196 0.102 0.332 REF. 0.000 0.528 0.140 0.250 REF. 0.248 REF. 0.147 0.155 0.012 0.543 0.156 0.204 0.114 Max 0.184 0.111 0.036 0.054 0.026 0.055 0.407 0.350 0.491
Wuxi NCE Power Semiconductor Co., Ltd
Page 6
v1.0
Pb Free Product
http://www.ncepower.com ATTENTION:
NCE55H11


Any and all NCE power products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your NCE power representative nearest you before using any NCE power products described or contained herein in such applications. NCE power assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all NCE power products described or contained herein. Specifications of any and all NCE power products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. NCE power Semiconductor CO.,LTD. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all NCE power products(including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of NCE power Semiconductor CO.,LTD. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. NCE power believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the NCE power product that you intend to use. This catalog provides information as of Sep.2010. Specifications and information herein are subject to change without notice.
Wuxi NCE Power Semiconductor Co., Ltd
Page 7
v1.0


▲Up To Search▲   

 
Price & Availability of NCE55H11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X